Part Number Hot Search : 
KS926S2 ATMEGA3 LB1644 M6794 IRFU370 PAM8010 AO9926A LNA2601L
Product Description
Full Text Search
 

To Download PMR25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PMR25
Resistors
Ultra low ohmic resistors for current detection
PMR25
Features 1) Ultra low-ohmic resistance range (1m~) 2) Lowest height (0.6mm) 3) Improved current detection accuracy by trimming-less structure. Highly recommended for large current / High speed switching circuit. 4) Completely Pb free product
Quick reference
The design and specifications are subject to change without prior notice. Before ordering or using, please check the latest technical specifications.
Part No. Size code Rated power (70C) 1W Resistance tolerance F (1%) J (5%) Resistance value (m) 1, 2, 3, 4, 5 Operating temperature range (C)
PMR25
3225 (1210)
-55 to +155
External dimensionsUnit : mm
L
Part No. PMR25
Size code 3225 (1210)
L 3.20.20
W 2.50.20
t 0.52 to 0.320.15
a 0.50.20
b 1.00 to 0.800.20
c 1.950.20
2L00
a
w
: Each value range varies with the resistance.
t b
c
1/2
PMR25
Resistors
Product designation
PMR2 5
Part No.
HZP
J
V
Special part number
U V 5m 1 to 4m
Resistance tolerance
F J
Nominal resistance
Resistance code, 3 or 4 digits.
Resistance tolerance F J ex) 1mF 1mJ : : Resistance code 4 digits 3 digits 1L00 1L0
1% 5%
Packaging Specifications Code
Part No. PMR25 Code HZP Resistance tolerance F(1%) J(5%) Packaging specifications Embossed tape (4mm Pitch) Reel Basic ordering unit (pcs) 2,000
180mm (7in.)
Reel (180) : Compatible with JEITA standard "EIAJ ET-7200B" : Standard product
Packaging
Reel
P0
Taping
P2
D
0
08
06
04
B0
A
B
D
02
W F
E
K
02
04
06
08
A0
P1
C Label EIAJ ET-7200B compliant
(Unit : mm)
W 8.00.3 D0
F 3.50.05 P0 4.00.1
E 1.750.1 P1 4.00.1
A0 3.00.1 P2 2.00.05
B0 3.50.1 K Max. 1.1
(Unit : mm) A B C D
0 180 -1.5
+1 60 0
+1.0 9 0
130.2
1.5 +0.1 0
2/2
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of PMR25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X